Part Number Hot Search : 
AZS0430L C16LF P2N60 C1297 4ACT24 PSBZ125 STK40 CXA2542
Product Description
Full Text Search
 

To Download CTDD1210DF-050909-TU1K-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
ctparts.com
SPECIFICATIONS
CTDD1210DF-TU1K-1 Series
Fixed Input Isolated & Unregulated 1W Output, Twin Independent Output
Part Number CTDD1210DF-050505-TU1K-1 CTDD1210DF-050909-TU1K-1 CTDD1210DF-051212-TU1K-1 CTDD1210DF-051515-TU1K-1 CTDD1210DF-120505-TU1K-1 CTDD1210DF-120909-TU1K-1 CTDD1210DF-121212-TU1K-1 CTDD1210DF-121515-TU1K-1 CTDD1210DF-240505-TU1K-1 CTDD1210DF-240909-TU1K-1 CTDD1210DF-241212-TU1K-1 CTDD1210DF-241515-TU1K-1
Vin Nom. (VDC) 5 5 5 5 12 12 12 12 24 24 24 24
Input Range (VDC) 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2 21.6-26.4 21.6-26.4 21.6-26.4 21.6-26.4
Vo1,Vo2 (VDC) 5 9 12 15 5 9 12 15 5 9 12 15
Io1 Max. (mA) 100 56 42 33 100 56 42 33 100 56 42 33
Io2 Min. (mA) 10 6 4 3 10 6 4 3 10 6 4 3
Effi. Typ. (%) 72 75 78 79 74 76 79 80 74 76 80 81
Not shown at actual size.
Compliant
RoHS
ISOLATION SPECIFICATIONS
Item Isolation Voltage Isolation Resistance(Vin/Vout) Isolation Resistance(Vo1/Vo2) Test Condition Tested for 1 minute Test at 500VDC Test at 500VDC MIN 1000 1000 1000 TYP MAX Units VDC M M
OUTPUT SPECIFICATIONS
Item Output Power Test Condition For Vin change of 1% 10% to 100% full load See tolerance envelope graph 100% full load 20MHz Bandwidth Full load, nominal input 50 100 0.03 75 %/C mVp-p KHz MIN 0.1 TYP MAX 1 1.2 15 Units W % %
FEATURES
Efficiency: To 80% Temperature Range: -40C to +85C Isolation: 1KVDC Package: UL94-V0 Miscellaneous: No heat sink required. No external components required. Industry standard pinout. Super miniature DIP package. Twin Output Voltage. Small Footprint. Custom service available. Samples available.
Line regulation Load regulation Output voltage accuracy Temperature drift Output ripple Switching frequency
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output unless otherwise specified.
TYPICAL CHARACTERISTICS CHARACTERISTICS
Short Circuit Protection: 1 second Temperature Rise at Full Load: 25C Max. 15C Typ. Cooling: Free air convection No Load, Power Consumption: 10% nominal power (typical) Operating Temperature Range: -40C to +85C Storage Temperature Range: -55C to +125C Lead Temperature: 300C (1.5mm from case for 10 seconds) Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >3,500,000 hours Miscellaneous: RoHS Compliant.
Tolerance Envelope Graph Temperature Derating Graph 120 100 80 60
Typic a
l Load
Line
+2.5% -2.5% -7.5%
Output Voltage(%)
Output Power(%)
+10% +5% Nominal Voltage
10%
50%
100%
40 20 0 -40
Safe Operating Area
0
40
80
120
Output Current(%)
Ambient Temperature(C)
08.09.06
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DC/DC Converters
ctparts.com
CTDD1210DF-TU1K-1 Series
Fixed Input Isolated & Unregulated 1W Output, Twin Independent Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
CTDD1210DF-TU1K-1 Package 12.7 7.70 4.10 Side View
7.62 1 7.62 8 765 4
10.2
Bottom View
CTDD1210DF-TU1K-1 Footprint o1.00+0.15/-0 2.54
2.54
87 6 5 1 4
Note: All pins on a 2.54mm pitch; All pin diameters are 0.50mm; all dimensions in mm
PIN CONNECTIONS
Pin 1 4 5 6 7 8
Function GND Vin +Vo1 0V1 +Vo2 0V2
1 8 7
4 65
08.09.06
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDD1210DF-050909-TU1K-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X